Part Number Hot Search : 
20N50 TM3013 E7000 HPL1005 NJL0302D BA7042 3F323 DN8799MS
Product Description
Full Text Search
 

To Download 2SD669A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN
SILICON
TRANSISTOR OO|uIaA 2SD669A
ECI* cxOAE/1/4 IE3/4
HS669A
x/IAE|AE*Ao
O/OOAI3/4
IaI 1/4 Oy1/2A A
T stg Tj1/2aIA PC 1/4c PC1/4c|AEAE
1/4IO
Ouae
Ta=25ae(c)
--------55~150ae 1 5 0 ae Tc=25ae(c)- TA=25ae(c)- 20W 1W 180V
TO-126
IAE-
----------------1/4|AEAE
VCBO 1/4c1/4u1/4cN- - - - - VCEO VEBO* IC 1/4 c 1/4 c1/4*Ea Ea1/4u1/4cN-----------1/4cA/ ---------1/4cN- - - -
1D*Ea1/4 2D1/4c 3Du 1/4
E C B
160V 5V 1.5A
IEy*uA
cIEy
Ta=25ae(c)
*u A E A/ xiO aIO xioO I a EO Io 1/4
BVCBO BVCEO BVEBO ICBO HFE1 HFE2 VCE(sat) 1/4c*Ea/(c)N *Ea1/4u/(c)cN 1/4cu1/2OOA/ OA/cOoOae 1/4c*EaIN1/2 u1/4*EaN1/2 IOO/AEAE EaocEY VBE fT
Cob
1/4cu/(c)N
180 160 5 60 30 10 200 1 1.5 140 14 |I
V V V A
V V MHz pF
IC=1mA IE=0 IC=10mA REB=O IE=1mA IC=0 VCB=160V, IE=0 VCE=5V, IC=150mA VCE=5V, IC=500mA IC=500mA, IB=50mA VCE=5V, IC=150mA VCE=5V, IC=150mA VCB=10V, IE=0 f=1MHz
*O 1/4AEae 3/4
B 60 120 100 C 200


▲Up To Search▲   

 
Price & Availability of 2SD669A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X